PART |
Description |
Maker |
BP5805B |
BRUSH DC MOTOR CONTROLLER, 1 A, PSIP7 Regulator LSIs > General purpose regulator module > High efficiency switching system motor driver DC/DC converter module
|
ROHM
|
BG440.2505201 BG440.5005201 BG440 |
EC-motor with planetary gear unit for automatic spindle positioning cycles
|
Baumer IVO GmbH & Co. KG
|
FAB3103 FAB3103UCX |
2.3 Watt Class-D Audio Amplifier with Integrated Boost Regulator and Automatic Gain Control
|
Fairchild Semiconductor
|
2SK3205 |
Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV) Switching Regulator Applications DC .DC Converter, and Motor Drive Applications Switching Regulator Applications DC−DC Converter/ and Motor Drive Applications
|
Toshiba Semiconductor
|
FAITD25J FAITD25G FAITD250 AITD75J FAITD75J FAITD2 |
8-/16-Channel 16-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Regulator; Features: Medium current output; Note: Isolation package; Comments: 60V load dump; V OUT (%): (max /-3) Regulator; Features: Low current output; Note: Radial tape packing for automatic mounting; Comments: 60V load dump; V OUT (%): (max /-10) Regulator; Features: Low current output; Note: Surface-mount PW-MOLD(SOT-89) package; Comments: 60V load dump; V OUT (%): (max /-10) Photorelays (MOSFET Output Devices); Features: 1b (Normaly Close); Package: DIP4; Surface Mount Type: Y/N; Number of Pins: 4; Trigger LED Current Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.0A); Channel: 1-ch; PWM Drive: n/a; Package: SIP9; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 27V (30V); Io (lpeak): 1A (2A); Channel: 1-ch; PWM Drive: n/a; Package: HSIP10; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.2A); Channel: 1-ch; PWM Drive: n/a; Package: SIP9; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.2A); Channel: 1-ch; PWM Drive: n/a; Package: HSOP16; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 18V (25V); Io (lpeak): 1A (3A); Channel: 1-ch; PWM Drive: n/a; Package: HSIP7; RoHS Compatible: yes Series Regulators; Surface Mount Type: Y; Package: New PW-MOLD; Number Of Pins: 3; Polarity: Positive; General Description: Three-Terminal Voltage Regulator; Features: Medium current output; Note: Surface-mount PW-MOLD package 逻辑IC Logic IC 逻辑IC
|
Bourns, Inc. Thomas
|
LR2000 |
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
|
List of Unclassifed Man...
|
VRX2008R |
1000 Watt Voltage Regulator - Automatic voltage
|
Tripp Lite. All Rights ...
|
FAN8036-NL FAN8036L FAN8036 |
5-CH Motor Driver 2-Regulator
|
FAIRCHILD[Fairchild Semiconductor]
|
TDA1151 |
MOTOR SPEED REGULATOR
|
ST Microelectronics STMicroelectronics
|
2SK220110 2SK2201 |
Chopper Regulator, DC/DC Converter and Motor Drive
|
Toshiba Semiconductor
|
2SK3089 2SK308909 |
Chopper Regulator DC?DC Converter, and Motor Drive
|
Toshiba Semiconductor
|